PART |
Description |
Maker |
AD7778AS AD7776 AD7776AR AD7777AN |
LC2MOS/ High Speed 1-/ 4- & 8-Channel 10-Bit ADCs LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs 4-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDIP28 LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs LC2MOS,高 - -
|
Analog Devices, Inc.
|
IXGH24N50BS IXGH24N60BS |
TRANSISTOR | IGBT | N-CHAN | 500V V(BR)CES | 48A I(C) | TO-247SMD TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 48A I(C) | TO-247SMD 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 48A条一(c)|47SMD
|
IXYS, Corp.
|
AD7111 AD7111A AD7111ABN AD7111ABR AD7111ACN AD711 |
LC2MOS LOGDAC Logarithmic D/A Converter SOCKET, SEALED PANEL 9 WAY PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CQCC20 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO16 ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% LC2MOS LOGDAC对数D / A转换 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDIP16 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP16 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:25mA; Current, It av:16A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes Monolithic Multiplying DAC Featuring Wide Dynamic Range
|
Analog Devices, Inc. AD[Analog Devices] ANALOG DEVICES INC
|
AD7572TQ12 AD7572KP05 AD7572KP12 AD7572KN12 AD7572 |
RELAY REED MINI SIP SPDT-CO 5V LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24 Analog to Digital Converter 模数转换 MOSFET Diode-OR Controller; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 12-Bit, 200kSPS Micro Power Sampling Analog-To-Digital Converter 8-SOIC -40 to 85 Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 6; Temperature Range: 0°C to 70°C LC2MOS COMPLETE/ HIGH SPEED 12-BIT ADC LC2MOS COMPLETE HIGH SPEED 12-BIT ADC LC2MOS Complete, High Speed 12-Bit ADC LC<SUP>2</SUP>MOS Complete, High Speed 12-Bit ADC
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
ITH08F06G ITH08F06 ITH08F06B |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 14A I(C) | TO-252AA TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 14A I(C) | TO-220AB HIGH - SPEED POWERLINE N - CHANNEL IGBT
|
MITEL[Mitel Networks Corporation]
|
ADG413BRUZ-500RL7 ADG412BRU-REEL ADG412BR-REEL7 AD |
LC2MOS Precision Quad SPST Switch; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 LC2MOS Precision Quad SPST Switches LC MOS Precision Quad SPST Switches
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7701-17 |
LC2MOS 16-Bit A/D Converter
|
Analog Devices
|
ADG408BN ADG409 ADG408 |
4-/8-Channel High Performance Analog Multiplexers(LC2MOS8???楂???芥ā???璺???ㄥ? LC2MOS 4-/8-Channel High Performance Analog Multiplexers LC2MOS 5 V 4 Channel High Performance Analog Multiplexer LC2MOS, 5 V, 8 Channel High Performance Analog Multiplexer
|
Analog Devices, Inc.
|
AD7002AS |
LC2MOS GSM Baseband I/O Port
|
Analog Devices, Inc.
|
AD7001 AD7001AS |
LC2MOS GSM Baseband I/O Port
|
AD[Analog Devices]
|
|